Part Number Hot Search : 
DS5000 53201 ADT6752 C2506 1300000 T460006 N2907A P412425
Product Description
Full Text Search
 

To Download AP2301GN-HF-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet capable of 2.8v gate drive bv dss -20v small package outline r ds(on) 130m surface mount device i d - 2.5a rohs compliant & halogen-free description absolute maximum ratings@ t j =25 o c(unless otherwise specified) symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 100 /w data and specifications subject to change without notice 1 ap2301gn-hf rating - 20 + 12 -2.5 halogen-free product 201411178ap drain current 3 , v gs @ 5v -2.0 pulsed drain current 1 -10 thermal data parameter total power dissipation operating junction temperature range storage temperature range parameter drain-source voltage gate-source voltage drain current 3 , v gs @ 5v -55 to 150 1.25 -55 to 150 g d s d g s sot-23s advanced power mosfets from apec provide the designer with the best combination of fast switching,low on-resistance and cost-effectiveness. the sot-23s package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. .
ap2301gn-hf electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -20 - - v r ds(on) static drain-source on-resistance 2 v gs =-5v, i d =-2.5a - - 130 m v gs =-2.8v, i d =-2a - - 190 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -0.5 - -1.25 v g fs forward transconductance v ds =-5v, i d =-2a - 4 - s i dss drain-source leakage current v ds =-20v, v gs =0v - - -1 ua i gss gate-source leakage v gs =+ 12v, v ds =0v - - + 100 na q g total gate charge i d =-2a - 5 9 nc q gs gate-source charge v ds =-16v - 1 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 2 - nc t d(on) turn-on delay time v ds =-10v - 6 - ns t r rise time i d =-1a - 17 - ns t d(off) turn-off delay time r g =3.3 ? -16- ns t f fall time v gs =-10v - 5 - ns c iss input capacitance v gs =0v - 270 - pf c oss output capacitance v ds =-20v - 70 - pf c rss reverse transfer capacitance f=1.0mhz - 55 - pf r g gate resistance f=1.0mhz - 10 15 source-drain diode symbol parameter test conditions min. typ. max. units i s continuous source current ( body diode ) v d =v g =0v , v s =-1.2v - - -1 a i sm pulsed source current ( body diode ) 1 - - -10 a v sd forward on voltage 2 t j =25 , i s =-0.83a, v gs =0v - - -1.2 v notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board, t < 10s ; 300 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 .
ap2301gn-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 2 4 6 8 10 0123456 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c v gs = -5v v gs = -4v v gs = -3v v gs = -2v 0 2 4 6 8 10 0123456 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =150 o c v gs = -5v v gs = -4v v gs = -3v v gs = -2v 80 120 160 200 240 0246810 -v gs , gate-to-source voltage (v) r ds(on) ( ) i d = -2a t a =25 0.6 0.8 1 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = -2.5a v gs = -5v 0 1 10 0.1 0.3 0.5 0.7 0.9 1.1 1.3 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.0 0.5 1.0 1.5 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) .
ap2301gn-hf fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty factor=0.5 p dm duty factor = t/t peak t j = p dm x r thja + t a r thja = 300 /w t t single pulse 0.02 0 1 2 3 4 5 0123456 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -2a v ds = -16v 10 100 1000 1 5 9 13 17 21 25 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss q v g q gs q gd q g charge -4.5v 0.01 0.1 1 10 100 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) 100us 1ms 10ms 100ms 1s dc t a =25 c single pulse t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on) .
ap2301gn-hf marking information 5 part number : n1 date code : ss ss:2004,2008,2012? ss :2003,2007,2011? s s:2002,2006,2010? ss :2001,2005,2009? n1ss .


▲Up To Search▲   

 
Price & Availability of AP2301GN-HF-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X